Part Number Hot Search : 
53201 LTD056 503GD 30KPA66C FT560JTG NJM4580V EVAL5985 MU9C9760
Product Description
Full Text Search
 

To Download L2SC3837LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. high-frequency amplifier transistor z features 1.high transition frequency.(typ.f t =1.5ghz) 2.small rbb`cc and high gain.(typ.6ps) 3.small nf. L2SC3837LT1G maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit collector-base voltage v cbo 30 v collector-emitter voltage v ceo 18 v emitter-base voltage v ebo 3v collector current i c 50 ma collector power dissipation p c 0.2 w junction temperature t j 150 c storage temperature t stg -55~+150 c electrical characteristics( t a = 25 c ) parameter symbol min. typ max. unit conditions collector-base breakdown voltage bv cbo 30 -- vi c =10 a collector-emitter breakdown voltage bv ceo 18 -- vi c =1ma emitter-base breakdown voltage bv ebo 3 -- vi e =10 a collector cutoff current i cbo -- 0.5 av cb =10v emitter cutoff current i ebo -- 0.5 av eb =2v collector-emitter saturation voltage v ce(sat) -- 0.5 v i c /i b =20ma/4ma dc current transfer ratio h fe 56 - 180 - v ce /i c =10v/10ma transition frequency f t 600 1500 - mhz v cb =10v, i c =10ma, f=200mhz output capacitance cob - 0.9 1.5 pf v cb =10v, i e =0a, f=1mhz collector-base time constant rbb`cc - 613psv cb =10v, i c =10ma, f=31.8mhz noise factor nf - 4.5 - db v ce =12v, i c =2ma, f=200mhz,rg=50 ? device marking L2SC3837LT1G=ap 1 base 2 emitter collector 3 1 2 3 4. ordering information device package shipping L2SC3837LT1G 3000/tape & reel sot-23 l2sc3837lt3g sot-23 10000/tape & reel z we declare that the material of product compliance with rohs requirements. sot-23 rev.o 1/2
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. L2SC3837LT1G rev.o 2/2


▲Up To Search▲   

 
Price & Availability of L2SC3837LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X